Part Number Hot Search : 
H3004 D06N60 B25667 MAX9028 D065A BCR19 2SD2251 ON1017
Product Description
Full Text Search
 

To Download MBRF10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  60 40 45 50 40 45 50 60 28 31.5 35 42 3.0 150 10.0 0.1 6 500 siyu r v ma pf i r cj ? ta= 25 ? v r = 4.0v, f = 1mhz ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols ta=100 maximum forward voltage maximum reverse current type junction capacitance v f -55--- +150 v v v a a w v rrm v rms v dc i f(av) i fsm ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit operating junction and storage temperature range tj, tstg r jc mbrf1040 ...... mbrf10200 ? ? 40---200v 10 a schottky barrier rectifier reverse voltage 40 to 200 v forward current 10 a mbrf 1040 mbrf 1045 mbrf 1050 mbrf 1060 i f = 10a 0.70 0.85 dachang electronics mbrf 10100 mbrf 1040 mbrf 1045 mbrf 1050 mbrf 1060 mbrf 10100 100 100 70 0.95 features mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ??? low power loss high efficiency ?? low forward voltage drop high current capability ???rohs? lead and body according with rohs standard mbrf 10150 mbrf 10200 150 200 105 140 150 200 mbrf 10150 mbrf 10200 0.80 0.99 0.1 15 ?? : ?? 0.3 ? * mounting torque recommend 0.3 n*m 12 .420(10.67) .380(9.65) .270(6.86) .230(5.84) .028(0.7) .019(0.5) .138(3.5) .118(3.0) .109(2.79) .090(2.29) .109(2.79) .090(2.29) .500(12.70) min .115(2.92) .080(2.03) .625(15.88) .560(14.22) .118(3.0) .102(2.6) .189(4.8) .138(3.5) unit inch mm ito-220ac 1 2 .025(0.64) max .138(3.5) max
siyu r i f (a) ?? ? v f (v) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves typical forward characteristic forward current derating curve i f instantaneous forward current (a) v f instantaneous forward voltage (v) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) mbrf1040 ...... mbrf10200 10 8 6 4 50 0 0 2 150 100 t j =25c 100 10 1.0 0.1 0 0.4 0.8 1.2 1.6 0 30 60 90 120 150 180 1 10 100 dachang electronics ? tc( c ) tc, case temperature (c) mbrf1040 - mbrf1045 mbrf1050 - mbrf1060 MBRF10100 mbrf10150 mbrf10200


▲Up To Search▲   

 
Price & Availability of MBRF10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X